| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1271ATVRCTR Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1271ATVRCTR Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 40 page ![]() TC1270A/70AN/71A DS22035B-page 22 © 2007 Microchip Technology Inc. 4.5 Reset Generator Circuit The output signals from the Voltage Detect Circuit and the Manual Reset with Glitch Filter Circuit are OR’d together and is used to activate the Reset Generator Module. After the reset conditions have been removed (the MR pin is no longer forced low and the input voltage is greater than the Trip Point voltage), the Reset Genera- tor circuit determines the reset delay timeout required. There are three options for the delay circuit. These are: • 2.19 ms (typical) delay • 35 ms (typical) delay • 280 ms (typical) delay 4.5.1 RESET DELAY TIMER The Reset delay timer ensures that the TC127XA device will “hold” the embedded system in Reset until the system voltage has stabilized. The Reset delay timer time out is shown in Table 4-4. The Reset Delay Timer starts once the Voltage Detector Circuit output AND the Manual Reset with Glitch Filter Circuit output become inactive. While the Reset Delay Timer is active, the RST or RST pin is driven to the active state. Once the Reset Delay Timer times-out, the RST or RST pin is driven inactive. The Reset delay timer (tRST) starts after the device voltage rises above the “actual” trip point (VTRIP). When the Reset delay timer times out, the Reset output pin (RST/RST) is driven inactive. The Reset Delay Timer is cleared, if either (or both) the Voltage Detector Circuit output OR the Manual Reset with Glitch Filter Circuit output become active. The RST or RST pin continues to be driven to the active state. Figure 4-12 illustrates when the Reset Delay Timer (tRST) is active or inactive. 4.5.2 EFFECT OF TEMPERATURE ON RESET POWER-UP TIMER (tRPU) The Reset delay timer time out period (tRST) determines how long the device remains in the Reset condition. This time out is affected by both the device VDD and temperature. Typical responses for different VDD values and temperatures are shown in Figures 2-28, 2-29 and 2-30. TABLE 4-4: RESET DELAY TIMER TIME OUTS FIGURE 4-12: Reset Power-up Timer Waveform. tRST Units Min Typ Max 1.09 2.19 4.38 ms 17.5 35 70 ms 140 280 560 ms ↑↑ This is the minimum time that the Reset Delay Timer will “hold” the Reset pin active after VDD rises above VTRIP This is the maximum time that the Reset Delay Timer will “hold” the Reset pin active after VDD rises above VTRIP Note 1: Shaded rows are custom ordered time outs. VTRIP VDD RST tRST Reset Delay Timer Inactive Reset Delay Timer Inactive See Figures 2-9, 2-7 and 2-8 See Figures 2-12, 2-11 and 2-10 See Figures 2-9, 2-7 and 2-8 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |