| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1271ATVRCTR Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1271ATVRCTR Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 40 page ![]() TC1270A/70AN/71A DS22035B-page 26 © 2007 Microchip Technology Inc. 6.0 STANDARD DEVICES Table 6-1 shows the standard devices and their order number that are available and their respective configuration. The configuration includes the: • Voltage Trip Point (VTRIP) • Reset Time Out (tRST) TABLE 6-1: STANDARD VERSIONS Device Reset Threshold (V) Reset Time Out (ms) Order Number Replaces TC1270A 4.50 4.63 4.75 L 140 280 560 “blank” SOT-23-5 TC1270ALVCTTR — SOT-143 TC1270ALVRCTR TC1270LERC / TCM811LERC TC1270A 4.25 4.38 4.50 M 140 280 560 “blank” SOT-23-5 TC1270AMVCTTR — SOT-143 TC1270AMVRCTR TC1270MERC / TCM811MERC TC1270A 3.00 3.08 3.15 T 140 280 560 “blank” SOT-23-5 TC1270ATVCTTR — SOT-143 TC1270ATVRCTR TC1270TERC / TCM811TERC TC1270A 2.85 2.93 3.00 S 140 280 560 “blank” SOT-23-5 TC1270ASVCTTR — SOT-143 TC1270ASVRCTR TC1270SERC / TCM811SERC TC1270A 2.55 2.63 2.70 R 140 280 560 “blank” SOT-23-5 TC1270ARVCTTR — SOT-143 TC1270ARVRCTR TC1270RERC / TCM811RERC TC1270AN 4.50 4.63 4.75 L 140 280 560 “blank” SOT-23-5 TC1270ANLVCT — TC1270AN 4.25 4.38 4.50 M 140 280 560 “blank” SOT-23-5 TC1270ANMVCT — TC1270AN 3.00 3.08 3.15 T 140 280 560 “blank” SOT-23-5 TC1270ANTVCT — TC1270AN 2.85 2.93 3.00 S 140 280 560 “blank” SOT-23-5 TC1270ANSVCT — TC1270AN 2.55 2.63 2.70 R 140 280 560 “blank” SOT-23-5 TC1270ANRVCT — TC1271A 4.50 4.63 4.75 L 140 280 560 “blank” SOT-23-5 TC1271ALVCTTR — SOT-143 TC1271ALVRCTR TC1271LERC / TCM812LERC TC1271A 4.25 4.38 4.50 M 140 280 560 “blank” SOT-23-5 TC1271AMVCTTR — SOT-143 TC1271AMVRCTR TC1271MERC / TCM812MERC TC1271A 3.00 3.08 3.15 T 140 280 560 “blank” SOT-23-5 TC1271ATVCTTR — SOT-143 TC1271ATVRCTR TC1271TERC / TCM812TERC TC1271A 2.85 2.93 3.00 S 140 280 560 “blank” SOT-23-5 TC1271ASVCTTR — SOT-143 TC1271ASVRCTR TC1271SERC / TCM812SERC TC1271A 2.55 2.63 2.70 R 140 280 560 “blank” SOT-23-5 TC1271ARVCTTR — SOT-143 TC1271ARVRCTR TC1271RERC / TCM812RERC Note 1: “A” timeout delay options are only standard in the SOT-23-5 package. SOT-143 package is a custom request. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |