Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N150 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N150
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N150 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N150 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
R
MP4N150
版本:202305A
4/8
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大值
Value
单
位
Unit
MP4N150
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
2.04
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
40
℃/W
项
目
Parameter
符
号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
开关特性 Switching
–Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=750V,
ID=4A,
RG=25Ω(note 3,4)
-
23.4
35.1
ns
上升时间 Turn-On rise time
tr
-
34
51
ns
延迟时间 Turn-Off delay time
td(off)
-
103.2
155
ns
下降时间 Turn-Off Fall time
tf
-
47.2
70.8
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =750V ,
ID=4A
VGS =10V(note 3,4)
-
30.87
46.3
nC
栅-源电荷 Gate-Source charge
Qgs
-
7.9
11.9
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
10.07
15.1
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain-Source
Diode Forward Current
IS
-
-
4
A
正向最大脉冲电流
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
16
A
正向导通压降
Forward on voltage
VSD
VGS=0V, IS=4A
-
1.5
V
反向恢复时间
Reverse recovery time
trr
VGS=0V,IS=4A,
dIF/dt=100A/μs
(note 3)
237.4
ns
反向恢复电荷
Reverse recovery charge
Qrr
1330
μC
注释:
1:脉冲宽度由最高结温限制
2:L=80.0mH, IAS=4A, VDD=50V,
RG=25 Ω,起始结温
TJ=25℃
3:ISD ≤4A,di/dt ≤200A/μs,VDD≤BVDSS,起始结温 TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=80.0mH, IAS=4A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD ≤4A,di/dt ≤200A/μs,VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com