Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP4N150 Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza MP4N150
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MP4N150 Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MP4N150 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MP4N150 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R
MP4N150
版本:202305A
5/8
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
Capacitance Characteristics
On-Resistance Variationvs. ID
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Output characteristics
Transfer characteristics
2
4
6
8
10
12
10
0
10
1
10
2
-55℃
25℃
V
GS Gate-Source Voltage[V]
125℃
Note:
1.VDS=40V
2.250μs Pulse Test
Gate charge vs. VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com