| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC33FJ128GP310 Datasheet(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ128GP310 Datasheet(HTML) 72 Page - Microchip Technology |
|
72 / 80 page ![]() dsPIC33F/PIC24H PROGRAMMING SPECIFICATION DS70152D-page 72 Preliminary © 2007 Microchip Technology Inc. 7.0 DEVICE ID The device ID region of memory can be used to determine mask, variant and manufacturing information about the chip. The device ID region is 2 x 16-bits and it can be read using the READC command. This region of memory is read-only and can also be read when code protection is enabled. Table 7-1 shows the device ID for each device, Table 7-2 shows the Device ID registers and Table 7-3 describes the bit field of each register. TABLE 7-1: DEVICE IDs Device DEVID DEVREV dsPIC33FJ64GP206 0xC1 0x3000 dsPIC33FJ64GP306 0xCD 0x3000 dsPIC33FJ64GP310 0xCF 0x3000 dsPIC33FJ64GP706 0xD5 0x3000 dsPIC33FJ64GP708 0xD6 0x3000 dsPIC33FJ64GP710 0xD7 0x3000 dsPIC33FJ128GP206 0xD9 0x3000 dsPIC33FJ128GP306 0xE5 0x3000 dsPIC33FJ128GP310 0xE7 0x3000 dsPIC33FJ128GP706 0xED 0x3000 dsPIC33FJ128GP708 0xEE 0x3000 dsPIC33FJ128GP710 0xEF 0x3000 dsPIC33FJ256GP506 0xF5 0x3000 dsPIC33FJ256GP510 0xF7 0x3000 dsPIC33FJ256GP710 0xFF 0x3000 dsPIC33FJ64MC506 0x89 0x3000 dsPIC33FJ64MC508 0x8A 0x3000 dsPIC33FJ64MC510 0x8B 0x3000 dsPIC33FJ64MC706 0x91 0x3000 dsPIC33FJ64MC710 0x97 0x3000 dsPIC33FJ128MC506 0xA1 0x3000 dsPIC33FJ128MC510 0xA3 0x3000 dsPIC33FJ128MC706 0xA9 0x3000 dsPIC33FJ128MC708 0xAE 0x3000 dsPIC33FJ128MC710 0xAF 0x3000 dsPIC33FJ256MC510 0xB7 0x3000 dsPIC33FJ256MC710 0xBF 0x3000 PIC24HJ64GP206 0x41 0x3000 PIC24HJ64GP210 0x47 0x3000 PIC24HJ64GP506 0x49 0x3000 PIC24HJ64GP510 0x4B 0x3000 PIC24HJ128GP206 0x5D 0x3000 PIC24HJ128GP210 0x5F 0x3000 PIC24HJ128GP306 0x65 0x3000 PIC24HJ128GP310 0x67 0x3000 PIC24HJ128GP506 0x61 0x3000 PIC24HJ128GP510 0x63 0x3000 PIC24HJ256GP206 0x71 0x3000 PIC24HJ256GP210 0x73 0x3000 PIC24HJ256GP610 0x7B 0x3000 dsPIC33FJ12GP201 0x802 0x3000 dsPIC33FJ12GP202 0x803 0x3000 dsPIC33FJ12MC201 0x800 0x3000 dsPIC33FJ12MC202 0x801 0x3000 PIC24HJ12GP201 0x80A 0x3000 PIC24HJ12GP202 0x80B 0x3000 |