Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DSPIC33FJ128GP310 Datasheet(PDF) 73 Page - Microchip Technology

No. de pieza DSPIC33FJ128GP310
Descripción Electrónicos  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128GP310 Datasheet(HTML) 73 Page - Microchip Technology

Back Button DSPIC33FJ128GP310 Datasheet HTML 69Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 70Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 71Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 72Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 73Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 74Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 75Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 76Page - Microchip Technology DSPIC33FJ128GP310 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 73
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 7-2:
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION DEVICE ID REGISTERS
TABLE 7-3:
DEVICE ID BITS DESCRIPTION
Address
Name
Bit
15
14
13
12
11
10
9
876543210
0xFF0000
DEVID
MASK<9:0>
VARIANT<5:0>
0xFF0002
DEVREV
PROC<3:0>
REV<5:0>
DOT<5:0>
Bit Field
Register
Description
MASK<9:0>
DEVID
Encodes the MASKSET ID of the device.
VARIANT<5:0>
DEVID
Encodes the VARIANT derived from MASKSET of the device.
PROC<3:0>
DEVREV
Encodes the process of the device.
REV<5:0>
DEVREV
Encodes the major revision number of the device.
DOT<5:0>
DEVREV
Encodes the minor revision number of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80