Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC20J120B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza SC20J120B
Descripción Electrónicos  SiC Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SC20J120B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SC20J120B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC20J120B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC20J120B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC20J120B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC20J120B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SC20J120B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
SC20J120B
版本:202405B
2/6
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
*Per Leg, ** Per Device
项
目
Parameter
符 号
Symbol
数 值
Value
单位
Unit
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
1200
V
反向浪涌峰值电压
Surge Peak Reverse Voltage
VRSM
1200
V
反向直流电压
DC Blocking Voltage
VDC
1200
V
正向平均电流
Continuous Forward Current
IF
Tc=150℃
10*
20**
A
正向重复浪涌电流
Repetitive Peak Forward Surge Current
IFRM
80
A
正向非重复浪涌电流
Non-Repetitive Peak Forward Surge Current
IFSM
120
A
非重复正向峰值电流
Non-Repetitive Peak Forward Current
IF,Max
800
A
最高结温及存储温度
Operating and Storage Temperature Range
TJ,TSTG
-55~+175
℃
引线最高焊接温度
Maximum Lead Temperature for Soldering
Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com