| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M37549RLSS Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37549RLSS Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 73 page ![]() Rev.2.00 Mar 05, 2007 Page 7 of 70 REJ03B0202-0200 7549 Group PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. GROUP EXPANSION Renesas plans to expand the 7549 group as follow: Memory Type Support for QzROM version and emulator MCU. Memory Size • ROM size ...................................................... 2 K to 6 K bytes • RAM size ..................................................... 192 to 256 bytes Packages • PRSP0024GA-A .... 0.8 mm-pitch 24-pin plastic molded SSOP • 42S1M ......................... 42-pin shrink ceramic PIGGY BACK Fig 4. Memory expansion plan Currently supported products are listed below. NOTE: 1. ROM size includes the function set ROM. 192 256 6K 4K 2K 0 M37549G1 ** M37549G3 ** RAM size (bytes) ROM size (bytes) **: Under development Note: Products under development···the development schedule and specification may be revised without notice. M37549G2 ** Table 3 List of supported products Part number ROM size (bytes) ROM size for User () RAM size (bytes) Package Remarks M37549G3-XXXFP 6144 (6014) 256 PRSP0024GA-A QzROM version M37549G3FP QzROM version (blank) M37549G2-XXXFP 4096 (3966) 256 PRSP0024GA-A QzROM version M37549G2FP QzROM version (blank) M37549G1-XXXFP 2048 (1918) 192 PRSP0024GA-A QzROM version M37549G1FP QzROM version (blank) M37549RLSS − 256 42S1M Emulator MCU |