Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37549RLSS Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza M37549RLSS
Descripción Electrónicos  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37549RLSS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37549RLSS Datasheet HTML 5Page - Renesas Technology Corp M37549RLSS Datasheet HTML 6Page - Renesas Technology Corp M37549RLSS Datasheet HTML 7Page - Renesas Technology Corp M37549RLSS Datasheet HTML 8Page - Renesas Technology Corp M37549RLSS Datasheet HTML 9Page - Renesas Technology Corp M37549RLSS Datasheet HTML 10Page - Renesas Technology Corp M37549RLSS Datasheet HTML 11Page - Renesas Technology Corp M37549RLSS Datasheet HTML 12Page - Renesas Technology Corp M37549RLSS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Rev.2.00
Mar 05, 2007
Page 9 of 70
REJ03B0202-0200
7549 Group
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 6.
Register push and pop at interrupt generation and subroutine call
Interrupt request
(Note)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(
S)
←(S) − 1
Execute RTS
Subroutine
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(S)
←(S) − 1
M(S)
←(PS)
(S)
←(S) − 1
Interrupt
Service Routine
(S)
←(S) + 1
(PS)
←M(S)
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
Execute JSR
Execute RTI
Store Return Address
on Stack
Store Contents of
Processor
Status Register on Stack
I Flag “0” to “1”
Fetch the Jump Vector
Restore Contents of
Processor Status Register
Restore Return
Address
Restore Return
Address
Store Return
Address
on Stack
Note : The condition to enable the interrupt
→ Interrupt enable bit is “1”
Interrupt disable flag is “0”
On-going Routine
Table 4
Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com