| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F16-E/SOSQTP Datasheet(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/SOSQTP Datasheet(HTML) 26 Page - Microchip Technology |
|
26 / 136 page ![]() PIC16F716 DS41206B-page 24 © 2007 Microchip Technology Inc. FIGURE 3-8: BLOCK DIAGRAM OF RB5/P1B PIN FIGURE 3-9: BLOCK DIAGRAM OF RB6/P1C PIN Data Latch From other RBPU(1) P VDD Q D CK Q D CK QD EN QD EN DATA BUS WR PORTB WR TRISB Set RBIF TRIS Latch RD TRISB RD PORTB RB<7:4> pins weak pull-up RD PORTB Latch TTL Buffer Q3 Q1 Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register). VSS VDD RB5/P1B 0 1 Q PWMB(P1B) Enable PWMB(P1B) Data out PWMB(P1B) Auto-shutdown tri-state Data Latch From other RBPU(1) P VDD Q D CK Q D CK QD EN QD EN DATA BUS WR PORTB WR TRISB Set RBIF TRIS Latch RD TRISB RD PORTB RB<7:4> pins weak pull-up RD PORTB Latch TTL Buffer Q3 Q1 Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION register). VSS VDD RB6/P1C 0 1 Q PWMC(P1C) Enable PWMC(P1C) Data out PWMC(P1C) Auto-shutdown tri-state ST Buffer ICSPC – In-Circuit Serial Programming™ Clock Input |