| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F16-E/SOSQTP Datasheet(PDF) 69 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-E/SOSQTP Datasheet(HTML) 69 Page - Microchip Technology |
|
69 / 136 page ![]() © 2007 Microchip Technology Inc. DS41206B-page 67 PIC16F716 FIGURE 9-7: EXTERNAL BROWN-OUT PROTECTION CIRCUIT 1 FIGURE 9-8: EXTERNAL BROWN-OUT PROTECTION CIRCUIT 2 FIGURE 9-9: EXTERNAL BROWN-OUT PROTECTION CIRCUIT 3 Note 1: This circuit will activate Reset when VDD goes below (Vz + 0.7V) where Vz = Zener voltage. 2: Internal Brown-out Reset circuitry should be disabled when using this circuit. VDD 33k 10k 40k VDD MCLR PIC16F716 Q1 Note 1: This brown-out circuit is less expensive, albeit less accurate. Transistor Q1 turns off when VDD is below a certain level such that: 2: Internal Brown-out Reset should be disabled when using this circuit. 3: Resistors should be adjusted for the characteristics of the transistor. VDD x R1 R1 + R2 = 0.7 V VDD R2 40k VDD MCLR PIC16F716 R1 Q1 Note 1: This brown-out protection circuit employs Microchip Technology’s MCP809 microcontroller supervisor. The MCP8XX and MCP1XX families of supervisors provide push-pull and open collector outputs with both high and low active Reset pins. There are 7 different trip point selections to accommodate 5V and 3V systems. MCLR PIC16F716 VDD VDD Vss RST MCP809 VDD bypass capacitor |