| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24M02E-F Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24M02E-F Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 54 page ![]() Table 11. Second byte address Features Bit 7 (MSB)(1) Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (LSB) Memory A7 A6 A5 A4 A3 A2 A1 A0 Device type identifier X(2) X X X X X X X Configurable device address X X X X X X X X Software write protection X X X X X X X X Identification page A7 A6 A5 A4 A3 A2 A1 A0 Identification page lock X X X X X X X X 1. The most significant bit, b7, is sent first. 2. X = Don't care bit M24M02E-F Device operation DS14157 - Rev 2 page 13/54 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |