| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA50KG Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA50KG Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 110 page ![]() Introduction STM32WBA50KG 10/110 DS14688 Rev 1 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32WBA50KG microcontrollers, based on Arm® cores(a). It must be read in conjunction with the reference manual (RM0493). Throughout the whole document TBD indicates a value to be defined. For information on the device errata with respect to the datasheet and reference manual refer to the STM32WBA50KG errata sheet (ES0637). For information on the Arm® Cortex®-M33 core, refer to the Cortex®-M33 Technical Reference Manual, available on the www.arm.com website. For information on Bluetooth®, refer to www.bluetooth.com. . a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |