| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA50KG Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA50KG Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 110 page ![]() STM32WBA50KG 2/110 DS14688 Rev 1 • System peripherals – Touch sensing controller, up to 12 sensors, supporting touch key, linear, and rotary touch sensors – One 16-bit, advanced motor control timer – One 16-bit timer – One 32-bit timer – One low-power 16-bit timer (available in Stop mode) – One Systick timer – Two watchdogs – 8-channel DMA controller, functional in Stop mode • Security and cryptography – Flexible life cycle scheme with RDP and password protected debug – AES co-processor – Public key accelerator – HASH hardware accelerator – True random number generator, NIST SP800-90B compliant – 96-bit unique ID – Active tampers – CRC calculation unit • General purpose input/output: – 20 I/Os (most of them 5 V-tolerant) with interrupt capability • Development support – Serial wire debug (SWD), JTAG • ECOPACK2 compliant packages |