Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3DPX8121 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza PI3DPX8121
Descripción Electrónicos  3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX8121 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX8121 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A product Line of
Diodes Incorporated
diodes.com | 1-408-232-9100
PRODUCT BRIEF
PI3DPX8121
3.3V 10Gbps DisplayPort 2-to-1 Active Mux Switch with Linear Redriver
Applications
Features
Description
¼
¼
Laptop and Desktop PCs
¼
¼
Workstation and Server System
¼
¼
Docking, KVM and PC Peripherals
¼
¼
Display Monitors
Page 1 of 1
Ordering Information
Part Number
Package
Description
PI3DPX8121ZLDEX
ZLD
40-Pin, 3 x 6mm (TQFN)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU
(RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, “Green” and Lead-free.
3. Halogen- and Antimony-free “Green” products are defined as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
b
P
Lead-free Green
The PI3DPX8121 is a 2-to-1 active mux switch for 4-lane Display-
Port link with data rate support up to 10Gbps for DP1.4 and the new
DP2.0 standards. The maximum equalizer gain controls are +10dB
(DP2.0@5GHz) and +8.5dB (DP1.4@4.05GHz) to compensate the
insertion loss along the channel connection.
The Link Training tunable linear RedriverTM design supports the
LTTPR (Link Training Transparent PHY Repeater) redriver data
path type. It ensures the differential signals conveying pre-shoot
and de-emphasis equalization waveforms to be transmitted from
source side to the receiver side to optimize the overall channel link
adjustment conducted by the system transmitter and receiver. The
CTLE equalizers are implemented at the inputs of the redriver to
reduce the ISI jitters and compensate channel loss. The program-
mable flat gain and linearity adjustments support the eye diagram
opening.
With the combinational logic control design, users can use pin strap
method to select various EQ gains, flat gains and output swing lin-
earity for flexible design tuning.
Control Logics
DP
DP
DP
DP
DP
DP
DP
DP
DP0A+/DP0A-
DP0B+/DP0B-
DP1A+/DP1A-
DP1B+/DP1B-
DP2A+/DP2A-
DP2B+/DP2B-
DP3A+/DP3A-
DP3B+/DP3B-
Out0+/Out0-
Out1+/Out1-
Out2+/Out2-
Out3+/Out3-
AFS
BFS
#PD
EQ0~EQ2
Block Diagram
Rev 5
October 2020
¼
Î
2-to-1 mux switch configuration for 4-lane DisplayPort
operation
¼
Î
Data rate support up to 10Gbps to cover 8.1Gbps DP1.4 and
10Gbps DP2.0 speed per lane (RBR/HBR/HBR2/HBR3/
UHBR10)
¼
Î
LT-tunable capability for LTTPR redriver data path support
¼
Î
Quad-level pin strap control through combinational logic table
for equalizer gain value selection
¼
Î
Quad-level pin strap control for flat gain and output swing
linearity selection
¼
Î
Input signal detection for automatic power saving mode
¼
Î
Single power supply: 3.3v +/-0.3v
¼
Î
Commercial temperature support: 0oC to +70oC
¼
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
¼
Î
Halogen and Antimony Free. “Green” Device (Note 3)
¼
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
¼
Î
Packaging (Pb-free & Green):
¼
y
40-pin 3 x 6mm TQFN, (ZLD)
ReDriver is a trademark of Diodes Incorporated.


Número de pieza similar - PI3DPX8121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
PI3DPX8121A DIODES-PI3DPX8121A Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
PI3DPX8121AZLEX DIODES-PI3DPX8121AZLEX Datasheet
179Kb / 1P
13.5Gbps, 4-Channels, eDP1.5/DP2.1 2:1 Active Mux with Linear Redriver
Rev 3-2 June 2024
More results

Descripción similar - PI3DPX8121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com