Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QEN09DNAR Datasheet(PDF) 1 Page - Rakon Limited

No. de pieza QEN09DNAR
Descripción Electrónicos  Standard SMD XO | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAKON [Rakon Limited]
Página de inicio  https://www.rakon.com/
Logo RAKON - Rakon Limited

QEN09DNAR Datasheet(HTML) 1 Page - Rakon Limited

  QEN09DNAR Datasheet HTML 1Page - Rakon Limited QEN09DNAR Datasheet HTML 2Page - Rakon Limited QEN09DNAR Datasheet HTML 3Page - Rakon Limited QEN09DNAR Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Standard SMD XO | Wireless Communications
Issue: A, 03 October 2023
Specifications are subject to change without notice
Copyright © 2023 Rakon Limited. All rights reserved
Page 1 of 4
www.rakonxpress.com
QEN09
2.0 x 1.6 mm, SMD
Frequency and Electrical Characteristics
Parameter
Min.
Typ.
Max.
Unit
Test condition / Description
Nominal frequency1 (Fn)
0.25
125
MHz
Operating temperature range
-20 to +70
-55 to +125
°C
See ‘Order Part Example’
Frequency stability over
temperature2
±25 to ±100
ppm
Referenced to frequency reading at
25°C and the specified load cap.
Storage temperature range
-55
+125
°C
Long-term stability (Ageing)
±3
ppm
Frequency drift over 1 year at 25°C
Power supply voltage(VCC)
1.8V (N option)
2.5V (M option)
3.3V (D option)
5.0V (A option)
1.710
2.375
3.135
4.750
1.8
2.5
3.3
5.0
1.890
2.625
3.465
5.250
VDC
See ‘Order Part Example’
HCMOS output load
15
pF
Output logic levels
Output logic high (VOH)
Output logic low (VOL)
90%Vcc
10%Vcc
VDC
With 15pF HCMOS load
Duty cycle3
40
50
60
%
See ‘Order Part Example’
Rise & fall time
10
ns
10% VCC ~ 90% VCC
Start-up time
10
ms
Input current
Load
capacitance
Frequency
VCC = 5.0V VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
CL = 15 pF
1.000 to 24.999MHz
25.00 to 39.999MHz
40.00 to 59.999MHz
60.00 to 125.00MHz
15 mA
20 mA
30 mA
50 mA
10 mA
15 mA
20 mA
40 mA
6 mA
8 mA
12 mA
30 mA
4 mA
6 mA
10 mA
25 mA
Phase Jitter [12Khz ~ 20MHz]
1.0
ps
Order Part Example – QEN09BDA / 50.000MHZ
1
For 1.8V version, maximum frequency is 50MHz only.
2
Include 25°C tolerance, operating temperature range, input voltage change (VCC ±5%), load change (15pF ±10%), first year ageing, shock and vibration.
3
Duty cycle 45/55% is available on option
Parameter
Product
family and
package
Frequency stability (FvT)
Supply
Voltage
(Vcc)
Output
Output Symmetry
Nominal Frenquency
(Fn. MHz)
Code
QEN09
B
D
A
R
50.000MHZ
Decode
QEN = XO
09 = SMD,
2.0x1.6 mm
A = ±100ppm vs -20 to +70°C
B = ±50ppm vs -20 to +70°C
C = ±25ppm vs -20 to +70°C
D = ±100ppm vs -40 to +85°C
F = ±50ppm vs -40 to +85°C
G = ±25ppm vs -40 to +85°C
J = ±100ppm vs -55 to +125°C
K = ±50ppm vs -55 to +125°C
A = 5.0V
D = 3.3V
M = 2.5V
N = 1.8V
A = HCMOS,
15pF
Blank = 40/60%
R = 45/55%
Please enter Fn


Número de pieza similar - QEN09DNAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
SMD 5x3.2 XO
logo
Rakon Limited
QEN05 RAKON-QEN05 Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
logo
TEMEX
QEN05AAA TEMEX-QEN05AAA Datasheet
569Kb / 5P
SMD 5x3.2 XO
logo
Rakon Limited
QEN05AAA RAKON-QEN05AAA Datasheet
467Kb / 4P
Standard SMD XO | Wireless Communications
24 Oct 2023
logo
TEMEX
QEN05AAAR TEMEX-QEN05AAAR Datasheet
569Kb / 5P
SMD 5x3.2 XO
More results

Descripción similar - QEN09DNAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMEX
QEN4 TEMEX-QEN4 Datasheet
417Kb / 3P
DIL 8 Pin Half Size XO - Communications Equipment Application
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
SMD 5x3.2 XO
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
Plastic J LEAD SMD XO - Communications Equipment Application
logo
Agilent(Hewlett-Packard...
E6890A HP-E6890A Datasheet
201Kb / 6P
Wireless Communications Test Set
E6833A HP-E6833A Datasheet
203Kb / 6P
Wireless Communications Test Set
logo
RF Monolithics, Inc
XTL1020 RFM-XTL1020 Datasheet
465Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1020P RFM-XTL1020P Datasheet
562Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1021 RFM-XTL1021 Datasheet
465Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1021P RFM-XTL1021P Datasheet
562Kb / 4P
High Performance Crystal for Wireless Communications Devices
XTL1029 RFM-XTL1029 Datasheet
582Kb / 5P
High Performance Crystal for Wireless Communications Devices
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com