Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

QEN09DNAR Datasheet(PDF) 2 Page - Rakon Limited

No. de pieza QEN09DNAR
Descripción Electrónicos  Standard SMD XO | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAKON [Rakon Limited]
Página de inicio  https://www.rakon.com/
Logo RAKON - Rakon Limited

QEN09DNAR Datasheet(HTML) 2 Page - Rakon Limited

  QEN09DNAR Datasheet HTML 1Page - Rakon Limited QEN09DNAR Datasheet HTML 2Page - Rakon Limited QEN09DNAR Datasheet HTML 3Page - Rakon Limited QEN09DNAR Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Standard SMD XO | Wireless Communications
Issue: A, 03 October 2023
Specifications are subject to change without notice
Copyright © 2023 Rakon Limited. All rights reserved
Page 2 of 4
www.rakonxpress.com
Model Outline, Recommended Pad Layout and Marking
Pin Connections
1
Tri-state
(Open = Active, 1 = Active, 0 = High)
2
GND
3
Output
4
Vcc
Marking
Example for QEN09BDA / 50.000 MHz
Line 1
1xxxxx
Product code (6 digits)
Line 2
YYWW-M
Date and Manufacuring code: 2340-G
Year code (YY): 23 = 2023,
Week code (WW): 40 = Week 46 of the year,
G = Manufacturing code
NOTE:
The dimension unit is in
millimetre.
1.6±0.1
TOP VIEW
2.0±0.1
Marking
0.3
0.8 max
FRONT VIEW
SIDE VIEW
RECOMMENDED PAD LAYOUT
0.8
0.75
1.05
1.4
0.55
BOTTOM VIEW
0.65
0.7
1
2
4
3
0.5



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com