Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 398 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 394Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 395Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 396Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 397Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 398Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 399Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 400Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 401Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
398
Freescale Semiconductor
9.3.2
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bit and field function follow the register
diagrams, in bit order.
9.3.2.1
IIC Address Register (IBAD)
Read and write anytime
This register contains the address the IIC bus will respond to when addressed as a slave; note that it is not
the address sent on the bus during the address transfer.
Register
Name
Bit 7
654321
Bit 0
IBAD
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
0
W
IBFD
R
IBC7
IBC6
IBC5
IBC4
IBC3
IBC2
IBC1
IBC0
W
IBCR
R
IBEN
IBIE
MS/SL
Tx/Rx
TXAK
00
IBSWAI
W
RSTA
IBSR
R
TCF
IAAS
IBB
IBAL
0SRW
IBIF
RXAK
W
IBDR
R
D7
D6
D5
D4
D3
D2
D1
D0
W
= Unimplemented or Reserved
Figure 9-2. IIC Register Summary
76543210
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
0
W
Reset
00000000
= Unimplemented or Reserved
Figure 9-3. IIC Bus Address Register (IBAD)
Table 9-1. IBAD Field Descriptions
Field
Description
7:1
ADR[7:1]
Slave Address — Bit 1 to bit 7 contain the specific slave address to be used by the IIC bus module.The default
mode of IIC bus is slave mode for an address match on the bus.
0
Reserved
Reserved — Bit 0 of the IBAD is reserved for future compatibility. This bit will always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com