Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 401 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 401 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 397Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 398Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 399Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 400Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 401Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 402Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 403Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 404Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 405Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
401
The SDA hold delay is equal to the CPU clock period multiplied by the SDA Hold value shown in
Table 9-5. The equation used to generate the SDA Hold value from the IBFD bits is:
SDA Hold = MUL x {scl2tap + [(SDA_Tap - 1) x tap2tap] + 3}
The equation for SCL Hold values to generate the start and stop conditions from the IBFD bits is:
SCL Hold(start) = MUL x [scl2start + (SCL_Tap - 1) x tap2tap]
SCL Hold(stop) = MUL x [scl2stop + (SCL_Tap - 1) x tap2tap]
Table 9-5. IIC Divider and Hold Values (Sheet 1 of 5)
IBC[7:0]
(hex)
SCL Divider
(clocks)
SDA Hold
(clocks)
SCL Hold
(start)
SCL Hold
(stop)
MUL=1
00
20
7
6
11
01
22
7
7
12
02
24
8
8
13
03
26
8
9
14
04
28
9
10
15
05
30
9
11
16
06
34
10
13
18
07
40
10
16
21
08
28
7
10
15
09
32
7
12
17
0A
36
9
14
19
0B
40
9
16
21
0C
44
11
18
23
0D
48
11
20
25
0E
56
13
24
29
0F
68
13
30
35
10
48
9
18
25
11
56
9
22
29
12
64
13
26
33
13
72
13
30
37
14
80
17
34
41
15
88
17
38
45
16
104
21
46
53
17
128
21
58
65
18
80
9
38
41
19
96
9
46
49
1A
112
17
54
57
1B
128
17
62
65
1C
144
25
70
73
1D
160
25
78
81
1E
192
33
94
97
1F
240
33
118
121
20
160
17
78
81
21
192
17
94
97
22
224
33
110
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com