Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 542 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 542 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 538Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 539Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 540Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 541Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 542Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 543Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 544Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 545Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 546Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
542
Freescale Semiconductor
PIT operation in wait mode is controlled by the PITSWAI bit located in the PITCFLMT register.
In wait mode, if the bus clock is globally enabled and if the PITSWAI bit is clear, the PIT operates
like in run mode. In wait mode, if the PITSWAI bit is set, the PIT module is stalled.
•
Stop mode
In full stop mode or pseudo stop mode, the PIT module is stalled.
•
Freeze mode
PIT operation in freeze mode is controlled by the PITFRZ bit located in the PITCFLMT register.
In freeze mode, if the PITFRZ bit is clear, the PIT operates like in run mode. In freeze mode, if the
PITFRZ bit is set, the PIT module is stalled.
13.1.4
Block Diagram
Figure 13-1 shows a block diagram of the PIT.
Figure 13-1. PIT Block Diagram
13.2
External Signal Description
The PIT module has no external pins.
Time-Out 0
Time-Out 1
Time-Out 2
Time-Out 3
16-Bit Timer 1
16-Bit Timer 3
16-Bit Timer 0
16-Bit Timer 2
Bus Clock
Micro Time
Base 0
Micro
Time
Base 1
Interrupt 0
Trigger 0
Interface
Interrupt 1
Trigger 1
Interface
Interrupt 2
Trigger 2
Interface
Interrupt 3
Trigger 3
Interface
8-Bit
Micro Timer 0
8-Bit
Micro Timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com