Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 545 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 545 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 541Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 542Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 543Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 544Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 545Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 546Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 547Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
545
13.3.0.1
PIT Control and Force Load Micro Timer Register (PITCFLMT)
Read: Anytime
Write: Anytime; writes to the reserved bits have no effect
76543210
R
PITE
PITSWAI
PITFRZ
00000
W
PFLMT1
PFLMT0
Reset
00000000
= Unimplemented or Reserved
Figure 13-3. PIT Control and Force Load Micro Timer Register (PITCFLMT)
Table 13-1. PITCFLMT Field Descriptions
Field
Description
7
PITE
PIT Module Enable Bit — This bit enables the PIT module. If PITE is cleared, the PIT module is disabled and
flag bits in the PITTF register are cleared. When PITE is set, individually enabled timers (PCE set) start
down-counting with the corresponding load register values.
0 PIT disabled (lower power consumption).
1 PIT is enabled.
6
PITSWAI
PIT Stop in Wait Mode Bit — This bit is used for power conservation while in wait mode.
0 PIT operates normally in wait mode
1 PIT clock generation stops and freezes the PIT module when in wait mode
5
PITFRZ
PIT Counter Freeze while in Freeze Mode Bit — When during debugging a breakpoint (freeze mode) is
encountered it is useful in many cases to freeze the PIT counters to avoid e.g. interrupt generation. The PITFRZ
bit controls the PIT operation while in freeze mode.
0 PIT operates normally in freeze mode
1 PIT counters are stalled when in freeze mode
1:0
PFLMT[1:0]
PIT Force Load Bits for Micro Timer 1:0 — These bits have only an effect if the corresponding micro timer is
active and if the PIT module is enabled (PITE set). Writing a one into a PFLMT bit loads the corresponding 8-bit
micro timer load register into the 8-bit micro timer down-counter. Writing a zero has no effect. Reading these bits
will always return zero.
Note: A micro timer force load affects all timer channels that use the corresponding micro time base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com