Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 638 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 638 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 634Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 635Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 636Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 637Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 638Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 639Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 640Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 641Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 642Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
638
Freescale Semiconductor
17.4.2.4
XGATE Memory Map Scheme
17.4.2.4.1
Expansion of the XGATE Local Address Map
The XGATE 64 Kbyte memory space allows access to internal resources only (Registers, RAM, and
FLASH). The 2 Kilobyte register address range is the same register address range as for the CPU and the
BDM module (see Table 1-22).
XGATE can access the FLASH in single chip modes, even when the MCU is secured. In expanded modes,
XGATE can not access the FLASH when MCU is secured.
The local address of the XGATE RAM access is translated to the global RAM address range. The XGATE
shares the RAM resource with the CPU and the BDM module (see Table 1-22).
XGATE RAM size (XGRAMSIZE) could be lower or equal than the MCU RAM size (RAMSIZE).
The local address of the XGATE FLASH access is translated to the global address as defined by
Table 1-22.
Example 17-3.
The MCU FLASHSIZE is 64 Kbytes ($10000) and MCU RAMSIZE is 32 Kbytes ($8000).
The XGATE RAMSIZE is 16 Kbytes ($4000).
The space occupied by the XGATE RAM in the global address space will be:
Bottom address: ($10_0000 minus $4000) = $0F_C000
Top address: $0F_FFFF
XGATE accesses to local address range $0800–$BFFF will result in accesses to the following
FLASH block in the global address space:
Bottom address: ($80_0000 minus $01_0000 plus $800) = $7F_0800
Top address: ($7F_0800 plus ($F800 minus $4000 minus $1)) = $7F_BFFF
Table 17-21. XGATE Implemented Memory Space
Internal Resource
Bottom Address
Top Address
Registers
$00_0000
$00_07FF
RAM
$10_0000 minus XGRAMSIZE1
1 XGRAMSIZE is the hexadecimal value of XGATE RAM SIZE in bytes.
$0F_FFFF
FLASH
$80_0000 minus
FLASHSIZE plus $8002
2 FLASHSIZE is the hexadecimal value of FLASH SIZE in bytes.
Bottom address plus $F800
minus XGRAMSIZE minus $13
3 $F800 is the hexadecimal value of the 64 Kilobytes minus 2 Kilobytes (Registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com