Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 641 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 641 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 637Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 638Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 639Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 640Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 641Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 642Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 643Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 644Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 645Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
641
The following conditions must be satisfied to ensure correct operation of the RAM protection mechanism:
•
Value stored in RAMXGU must be lower than the value stored in RAMSHL.
•
Value stored RAMSHL must be lower or equal than the value stored in RAMSHU.
Figure 17-25. RAM Write Protection Scheme
Table 17-22. RAM Write Protection Interrupt Vectors
Interrupt Source
CCR Mask
Local Enable
CPU access violation
I Bit
AVIE in RAMWPC
$0F_FFFF
$00_0000
Shared Region
XGATE RAM
Region
$0F_RAMSHU_FF
$0F_RAMSHL_00
$0F_RAMXGU_FF
Only XGATE is allowed to write
CPU and XGATE are allowed to write
Only CPU is allowed to write
Unimplemented
Only CPU is allowed to write
$00_0800
2K Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com