Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 673 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 673 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 673Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 674Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 675Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 676Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 677Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
673
Figure 18-21. Expansion of the Local Address Map
0x7F_FFFF
0x00_0000
0x14_0000
0x10_0000
0x00_0800
EPAGE
RPAGE
PPAGE
CPU and BDM
Local Memory Map
Global Memory Map
0xFFFF
Reset Vectors
0xC000
0x8000
Unpaged
0x4000
0x1000
0x0000
16K FLASH window
0x0C00
0x2000
0x0800
8K RAM
4K RAM window
1K EEPROM
2K REGISTERS
1K EEPROM window
16K FLASH
Unpaged
16K FLASH
2K REGISTERS
2K RAM
253*4K paged
RAM
1K EEPROM
255*1K paged
EEPROM
253 *16K paged
FLASH
16K FLASH
(PPAGE 0xFD)
8K RAM
External
Space
16K FLASH
(PPAGE 0xFE)
16K FLASH
(PPAGE 0xFF)
0x00_1000
0x0F_E000
0x13_FC00
0x40_0000
0x7F_4000
0x7F_8000
0x7F_C000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com