Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 674 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 674 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 673Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 674Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 675Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 676Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 677Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 678Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
674
Freescale Semiconductor
18.4.2.1.1
Expansion of the Local Address Map
Expansion of the CPU Local Address Map
The program page index register in MMC allows accessing up to 4 Mbyte of FLASH or ROM in the global
memory map by using the eight page index bits to page 256 16 Kbyte blocks into the program page
window located from address 0x8000 to address 0xBFFF in the local CPU memory map.
The page value for the program page window is stored in the PPAGE register. The value of the PPAGE
register can be read or written by normal memory accesses as well as by the CALL and RTC instructions
(see Section 18.5.1, “CALL and RTC Instructions).
Control registers, vector space and parts of the on-chip memories are located in unpaged portions of the
64-kilobyte local CPU address space.
The starting address of an interrupt service routine must be located in unpaged memory unless the user is
certain that the PPAGE register will be set to the appropriate value when the service routine is called.
However an interrupt service routine can call other routines that are in paged memory. The upper
16-kilobyte block of the local CPU memory space (0xC000–0xFFFF) is unpaged. It is recommended that
all reset and interrupt vectors point to locations in this area or to the other unpaged sections of the local
CPU memory map.
Table 18-19 Table 18-12 summarizes mapping of the address bus in Flash/External space based on the
address, the PPAGE register value and value of the ROMHM bit in the MMCCTL1 register.
The RAM page index register allows accessing up to 1 Mbyte –2 Kbytes of RAM in the global memory
map by using the eight RPAGE index bits to page 4 Kbyte blocks into the RAM page window located in
the local CPU memory space from address 0x1000 to address 0x1FFF. The EEPROM page index register
EPAGE allows accessing up to 256 Kbytes of EEPROM in the system by using the eight EPAGE index
bits to page 1 Kbyte blocks into the EEPROM page window located in the local CPU memory space from
address 0x0800 to address 0x0BFF.
Table 18-19. Global FLASH/ROM Allocated
Local
CPU Address
ROMHM
External
Access
Global Address
0x4000–0x7FFF
0
No
0x7F_4000 –0x7F_7FFF
1
Yes
0x14_4000–0x14_7FFF
0x8000–0xBFFF
N/A
No1
1 The internal or the external bus is accessed based on the size of the memory resources
implemented on-chip. Please refer to Figure 1-23 for further details.
0x40_0000–0x7F_FFFF
N/A
Yes1
0xC000–0xFFFF
N/A
No
0x7F_C000–0x7F_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com