Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MFVR Datasheet(PDF) 678 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MFVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MFVR Datasheet(HTML) 678 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MFVR Datasheet HTML 674Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 675Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 676Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 677Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 678Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 679Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 680Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 681Page - Freescale Semiconductor, Inc P912XDP512F0MFVR Datasheet HTML 682Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
678
Freescale Semiconductor
Table 18-21 shows the address boundaries of each chip select and the relationship with the implemented
resources (internal) parameters.
Figure 18-23. Local to Implemented Global Address Mapping (Without GPAGE)
18.4.2.4
XGATE Memory Map Scheme
18.4.2.4.1
Expansion of the XGATE Local Address Map
The XGATE 64 Kbyte memory space allows access to internal resources only (Registers, RAM, and
FLASH). The 2 Kilobyte register address range is the same register address range as for the CPU and the
BDM module (see Table 18-22).
XGATE can access the FLASH in single chip modes, even when the MCU is secured. In expanded modes,
XGATE can not access the FLASH when MCU is secured.
The local address of the XGATE RAM access is translated to the global RAM address range. The XGATE
shares the RAM resource with the CPU and the BDM module (see Table 18-22).
XGATE RAM size (XGRAMSIZE) may be lower or equal to the MCU RAM size (RAMSIZE).
The local address of the XGATE FLASH access is translated to the global address as defined by
Table 18-22.
Example 18-3. is a general example of the XGATE memory map implementation.
Table 18-21. Global Chip Selects Memory Space
Chip Selects
Bottom Address
Top Address
CS3
0x00_0800
0x0F_FFFF minus RAMSIZE1
1 External RPAGE accesses in (NX, EX and ST)
CS2
0x10_0000
0x13_FFFF minus EEPROMSIZE2
2 External EPAGE accesses in (NX, EX and ST)
CS23
3 When ROMHM is set (see ROMHM in Table 18-19) the CS2 is asserted in the space occupied by this
on-chip memory block.
0x14_0000
0x1F_FFFF
CS1
0x20_0000
0x3F_FFFF
CS04
4 When the internal NVM is enabled (see ROMON in Section 18.3.2.5, “MMC Control Register (MMCCTL1))
the CS0 is not asserted in the space occupied by this on-chip memory block.
0x40_0000
0x7F_FFFF minus FLASHSIZE5
5 External PPAGE accesses in (NX, EX and ST)
Table 18-22. XGATE Implemented Memory Space
Internal Resource
$Address
XGATE RAM
XGRAM_LOW = 0x0F_0000 plus (0x1_0000 minus XGRAMSIZE)1
1 XGRAMSIZE is the hexadecimal value of XGATE RAM SIZE in bytes.
XGATE FLASH
XGFLASH_HIGH = 0x78_0000 plus (0xFFFF minus XGRAMSIZE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com