Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STEVAL-SILKT01 Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STEVAL-SILKT01
Descripción Electrónicos  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STEVAL-SILKT01 Datasheet HTML 10Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 11Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 12Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 13Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 14Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 15Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 16Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 17Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Figure 15. STEVAL-SILKTA01 circuit schematic (15 of 21)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT2
IN2_ISO
IN2
OUT2_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT3
IN3_ISO
IN3
OUT3_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT4
IN4_ISO
IN4
OUT4_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT5
IN5_ISO
IN5
OUT5_ISO
GND
GND_ISO
U14
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U12
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U15
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U16
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U13
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
Figure 16. STEVAL-SILKTA01 circuit schematic (16 of 21)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT2
IN2_ISO
IN2
OUT2_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT3
IN3_ISO
IN3
OUT3_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT4
IN4_ISO
IN4
OUT4_ISO
GND
GND_ISO
VDD_IN
VDD_ISO
OUT5
IN5_ISO
IN5
OUT5_ISO
GND
GND_ISO
U19
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U17
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U20
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U21
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
U18
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com