Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GD10FSX65L4SN Datasheet(PDF) 1 Page - StarPower Europe AG

No. de pieza GD10FSX65L4SN
Descripción Electrónicos  650V/10A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARPOWER [StarPower Europe AG]
Página de inicio  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD10FSX65L4SN Datasheet(HTML) 1 Page - StarPower Europe AG

  GD10FSX65L4SN Datasheet HTML 1Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 2Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 3Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 4Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 5Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 6Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 7Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 8Page - StarPower Europe AG GD10FSX65L4SN Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GD10FSX65L4SN
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
11/25/2024
1/9
B02
STARPOWER
SEMICONDUCTOR
IGBT
GD10FSX65L4SN
650V/10A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
Low switching loss
6μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Fast & soft reverse recovery anti-parallel FWD
Isolated heatsink using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Número de pieza similar - GD10FSX65L4SN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarPower Europe AG
GD10FSX65L4S STARPOWER-GD10FSX65L4S Datasheet
223Kb / 9P
650V/10A 6 in one-package
10/29/2018
More results

Descripción similar - GD10FSX65L4SN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
Econo IPM series 600V / 50A 6 in one-package
6MBP150RTB060 FUJI-6MBP150RTB060 Datasheet
736Kb / 8P
600V / 150A 6 in one-package
6MBP150RA060 FUJI-6MBP150RA060 Datasheet
357Kb / 7P
600V / 150A 6 in one-package
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
6MBI35S-140 FUJI-6MBI35S-140 Datasheet
372Kb / 4P
1400V / 35A 6 in one-package
6MBP15RH060 FUJI-6MBP15RH060 Datasheet
107Kb / 5P
600V / 15A / 6 in one-package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com