Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FW/ENC Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

No. de pieza FW/ENC
Descripción Electrónicos  Type E, Fine Wire Thermocouples
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CAMPBELL [Campbell Scientific United Kingdom]
Página de inicio  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

FW/ENC Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  FW/ENC Datasheet HTML 1Page - Campbell Scientific United Kingdom FW/ENC Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FW05, FW1, and FW3
Type E, Fine Wire Thermocouples
Campbell Scientific’s FW05, FW1, and FW3 thermo-
couples measure atmospheric temperature gradients
or fluctuations with research-grade accuracy.
The models differ in their diameters:
FW05 has a 0.0005-in diameter
•
FW1 has a 0.001-in diameter
•
FW3 has a 0.003-in diameter
•
The FW05, having the smallest diameter, experi-
ences the least amount of solar loading but is the most
fragile. For all of these thermocouples, solar loading is
small enough that a radiation shield is not required.
Type E Thermocouples
Type E thermocouples are comprised of a chromel
wire and a constantan wire joined at a measure-
ment junction. A voltage potential is generated
when the measurement end of the thermocouple is
at a different temperature than the “reference end”
of the thermocouple. The magnitude of the volt-
age potential is related to the temperature differ-
ence. Therefore, temperature can be determined
by measuring the differences in potential created at
the junction of the two wires.
A reference temperature measurement (typically
measured at the datalogger wiring panel) is re-
quired. Options for measuring the reference tem-
perature include:
Thermistor built into the CR800, CR850, CR1000,
•
CR3000, or CR5000 wiring panel
PRT built into the wiring panel of the CR9050 or
•
CR9051E input module for the
CR9000X Measurement and Control System
•
PRT built into the wiring panel of the CR723T input
•
card for the CR7 Measurement and Control System
CR10XTCR thermistor that connects to the
•
CR10X wiring panel
Please note that our CR200-series and CR510 dataloggers
are not compatible with thermocouples. The thermo-
couples connect to the datalogger via the FWC-L cable.
Ordering Information
Fine-Wire Thermocouples
FW05
Type E Fine Wire Thermocouple with a 0.0005-inch
diameter; requires the FWC-L (see below).
FW1
Type E Fine Wire Thermocouple with a 0.001-inch
diameter; requires the FWC-L (see below).
FW3
Type E Fine Wire Thermocouple with a 0.003-inch
diameter; requires the FWC-L (see below).
Accessories
FWC-L
Connector cable for Fine Wire thermocouples. Enter the
cable length, in feet, after the L. A 20 ft length (FWC-
L20) is recommended.
FW/ENC
Carrying Case for shipping fine-wire thermocouples.
The FW/ENC Carrying Case is required to ship our
FW05, FW1, and FW3 thermocouples. It holds up
to four thermocouples. Thermocouples returned to
Campbell Scientific for repair without this case will be
shipped to the customer in a new case and the
account charged accordingly.
The FW05, FW1, and FW3 thermocouples
terminate in a connector that attaches to
the FWC-L cable. The FWC-L cable then
attaches to the datalogger.
◀


Descripción similar - FW/ENC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
Fuji Electric
EDS2-1G FUJI-EDS2-1G Datasheet
296Kb / 10P
J,E,K Type THERMOCOUPLES FOR GENERAL USE
logo
MORNSUN Science& Techno...
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
Temperature transducers for thermocouples
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com