Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FW/ENC Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

No. de pieza FW/ENC
Descripción Electrónicos  Type E, Fine Wire Thermocouples
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CAMPBELL [Campbell Scientific United Kingdom]
Página de inicio  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

FW/ENC Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  FW/ENC Datasheet HTML 1Page - Campbell Scientific United Kingdom FW/ENC Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Campbell Scientific, Inc. | 815 W 1800 N | Logan, Utah 84321-1784 | (435) 753-2342 | www.campbellsci.com
USA
|
AUSTRALIA
|
BRAZIL
|
CANADA
|
COSTA RICA
|
ENGLAND
|
FRANCE
|
GERMANY
|
SOUTH AFRICA
|
SPAIN
Weight:
2 oz (45 g)
Diameter
FW05:
0.0005 inch (0.0127 mm)
FW1:
0.001 inch (0.0254 mm)
FW3:
0.003 inch (0.0762 mm)
Total Length:
14.5 inch (36.8 cm)
Plug Dimensions:
0.7 inch x 1.3 inch x 0.4 inch
(1.8 cm x 3.3 cm x 1.0 cm)
Type:
Chromel-Constantan
Typical Output:
60 μV/°C
Accuracy:
Refer to the “Thermocouple
Measurement” section in
your datalogger manual.
FW/ENC
Weight:
0.8 lbs (0.36 kg)
Capacity:
up to 4 thermocouples
Specifications
Copyright © 2005, 2009
Campbell Scientific, Inc.
Printed November 2009



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com