Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMP88CU74F Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TMP88CU74F
Descripción Electrónicos  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 2Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 3Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 4Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 5Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 6Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 7Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 8Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 9Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-6
Pin Functions (2/2)
Pin Name
Input/Output
Function
XIN, XOUT
Input/Output
Resonator connecting pins for high-frequency clock.
For inputting external clock, XIN is used an XOUT is opened.
RESET
Input/Output
Reset signal input or watchdog timer output/address-reset output/system clock reset output.
TEST
Input
Test pin for out-going teset. Be tied to low.
VDD, VSS
+5 V, 0 V (GND)
VKK
Vacuum fluore scent tube driver voltage pin.
VAREF, VASS
Power Supply
Analog reference voltage input (High, Low)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com