Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LLAC4 Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

No. de pieza LLAC4
Descripción Electrónicos  R.M. Young Wind Monitor Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CAMPBELL [Campbell Scientific United Kingdom]
Página de inicio  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

LLAC4 Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  LLAC4 Datasheet HTML 1Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 2Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 3Page - Campbell Scientific United Kingdom LLAC4 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENT
Reliable, Accurate
wind measurements
Compatible with all Campbell
Scientific dataloggers
05103, 05103-45, 05106, 05108, 05108-45
R.M. Young Wind Monitor Series
Benefits and Features
Rugged enough for harsh environments
Constructed with thermoplastic material that resists
corrosion from sea-air environments and atmospheric
pollutants
Uses stainless-steel, precision-grade ball bearings for the
propeller shaft and vertical shaft bearings
Ideal for wind profile studies
Compatible with the LLAC4 4-channel Low Level AC
Conversion Module, which increases the number of
anemometers one datalogger can measure
Compatible with the CWS900-series interfaces, allowing it to
be used in a wireless sensor network
Overview
The Wind Monitors* are lightweight, sturdy instruments for
measuring wind speed and direction in harsh environments. Its
simplicity and corrosion-resistant construction make it ideal for a
wide range of wind measuring applications.
www.campbellsci.eu/05103
More info: +44(0) 1509 828 888
Wind Direction
All of the Wind Monitors use a potentiometer to measure wind
direction. The datalogger applies a known precision excitation
voltage to the potentiometer element. The output is an analogue
voltage signal directly proportional to the azimuth angle.
*The Wind Monitors are manufactured by RM Young (Traverse City, MI) and cabled by Campbell Scientific for use with our dataloggers.
Wind Speed
The wind speed sensor for all the Wind Monitors is a helicoid-
shaped, four-blade propeller. Rotation of the propeller produces
an ac sine wave that has a frequency directly proportional to
wind speed. The ac signal is induced in a transducer coil by a
six-pole magnet mounted on the propeller shaft. The coil resides
on the non-rotating central portion of the main mounting
assembly, eliminating the need for slip rings and brushes.


Número de pieza similar - LLAC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Campbell Scientific Uni...
LLAC4 CAMPBELL-LLAC4 Datasheet
448Kb / 2P
4-Channel Low-Level AC-Conversion Module
06/24/2020
More results

Descripción similar - LLAC4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Sunnyway Batte...
SW1290E SUNNYWAY-SW1290E Datasheet
359Kb / 1P
Photovaltaic & wind power battery
SW12120E SUNNYWAY-SW12120E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW12330E SUNNYWAY-SW12330E Datasheet
419Kb / 1P
Photovaltaic & wind power battery
SW12700E SUNNYWAY-SW12700E Datasheet
427Kb / 1P
Photovaltaic & wind power battery
SW23500E SUNNYWAY-SW23500E Datasheet
377Kb / 1P
Photovaltaic & wind power battery
SW121800E SUNNYWAY-SW121800E Datasheet
502Kb / 1P
Photovaltaic & wind power battery
SW122300E SUNNYWAY-SW122300E Datasheet
513Kb / 1P
Photovaltaic & wind power battery
SW215000E SUNNYWAY-SW215000E Datasheet
477Kb / 1P
Photovaltaic & wind power battery
SW61900 SUNNYWAY-SW61900 Datasheet
460Kb / 1P
Photovaltaic & wind power battery
logo
Advanced Thermal Soluti...
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
WIND TUNNEL CONTROLLER
R3_0215
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com