| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LLAC4 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom |
|
|
|||||||||||||||||||||||||||||
LLAC4 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom |
|
2 / 4 page ![]() 80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA © 2012 Campbell Scientific February 2, 2016 05103 Wind Monitor The 05103 Wind Monitor is a sturdy instrument for measuring wind speed and direction in harsh environments. Its simplicity and corrosion-resistant construction make it ideal for a wide range of wind measuring applications. 05103-45 Alpine Wind Monitor The 05103-45 Wind Monitor is a rugged instrument designed for harsh alpine conditions. The 05103-45 has a smaller propeller than the other wind monitor models, which minimizes vibration at high wind speeds. To discourage ice buildup, the sensor’s housing is black and covered with an ice-resistant coating. 05106 Wind Monitor-MA The 05106 Wind Monitor-MA is a robust instrument designed for offshore and marine applications. It features waterproof bearing lubricant and a sealed, heavy-duty cable pigtail instead of the standard junction box to make it more durable at marine and off- shore locations. 05108 Wind Monitor-HD The 05108 Wind Monitor-HD (heavy-duty) is designed to greatly extend its service life and improve its survivability in severe wind measurement applications. It has oversized ceramic bearings, oversized propeller shaft, high-pitch propeller, and locking propeller nut. The ceramic bearings have a significantly longer service life than the stainless-steel bearings and are more resistant to some types of corrosion. 05108-45 Wind Monitor-HD-Alpine The 05108-45 is a heavy-duty Wind Monitor designed specifically for harsh alpine conditions. To extend its service life and survive better in severe wind, the 05108-45 has oversized ceramic bearings, oversized propeller shaft, high pitch propeller, and locking propeller nut. To discourage ice buildup, the sensor’s housing is black and covered with an ice-resistant coating. 05103 Wind Monitor 05103-45 Alpine Wind Monitor 05106 Wind Monitor-MA Other models 05108-45 Wind Monitor-HD-Alpine 05108 Wind Monitor-HD |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |