Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474VCU6 Datasheet(PDF) 66 Page - STMicroelectronics

No. de pieza STM32G474VCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCU6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32G474VCU6 Datasheet HTML 62Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 63Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 64Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 65Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 66Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 67Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 68Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 69Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 232 page
background image
Pinouts and pin description
STM32G474xB STM32G474xC STM32G474xE
66/232
DS12288 Rev 1
C2
33
33
45
59
C10
72
92
PA11
I/O
FT_u
-
SPI2_MOSI/I2S2_SD
, TIM1_CH1N,
USART1_CTS,
COMP1_OUT,
FDCAN1_RX,
TIM4_CH1,
TIM1_CH4,
TIM1_BKIN2,
HRTIM1_CHB2,
EVENTOUT
USB_DM
C1
34
34
46
60
C9
73
93
PA12
I/O
FT_u
-
TIM16_CH1,
I2SCKIN,
TIM1_CH2N,
USART1_RTS_DE,
COMP2_OUT,
FDCAN1_TX,
TIM4_CH2,
TIM1_ETR,
HRTIM1_FLT1,
EVENTOUT
USB_DP
A8
-
35
47
61
F6
74
94
VSS
S
-
-
-
-
A1
35
36
48
62
-
75
95
VDD
S
-
-
-
-
B2
36
37
49
63
D8
76
96
PA13
I/O
FT_f
(4)
SWDIO-JTMS,
TIM16_CH1N,
I2C4_SCL,
I2C1_SCL, IR_OUT,
USART3_CTS,
TIM4_CH3,
SAI1_SD_B,
EVENTOUT
-
-
-
-
-
-
-
-
97
PF6
I/O
FT_f
-
TIM5_ETR,
TIM4_CH4,
SAI1_SD_B,
I2C2_SCL,
TIM5_CH1,
USART3_RTS,
QUADSPI1_BK1_IO3
, EVENTOUT
-
C3
37
38
50
64
B10
77
98
PA14
I/O
FT_f
(4)
SWCLK-JTCK,
LPTIM1_OUT,
I2C4_SMBA,
I2C1_SDA,
TIM8_CH2,
TIM1_BKIN,
USART2_TX,
SAI1_FS_B,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com