Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474VCU6 Datasheet(PDF) 67 Page - STMicroelectronics

No. de pieza STM32G474VCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCU6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32G474VCU6 Datasheet HTML 63Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 64Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 65Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 66Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 67Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 68Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 69Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 70Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 232 page
background image
DS12288 Rev 1
67/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
A2
38
39
51
65
B9
78
99
PA15
I/O
FT_f
(4)
JTDI, TIM2_CH1,
TIM8_CH1,
I2C1_SCL,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
USART2_RX,
UART4_RTS_DE,
TIM1_BKIN,
FDCAN3_TX,
HRTIM1_FLT2,
TIM2_ETR,
EVENTOUT
-
B3
39
-
52
66
C8
79
100
PC10
I/O
FT
-
TIM8_CH1N,
UART4_TX,
SPI3_SCK/I2S3_CK,
USART3_TX,
HRTIM1_FLT6,
EVENTOUT
-
C4
40
-
53
67
C7
80
101
PC11
I/O
FT_f
-
HRTIM1_EEV2,
TIM8_CH2N,
UART4_RX,
SPI3_MISO,
USART3_RX,
I2C3_SDA,
EVENTOUT
-
A3
-
-
54
68
A10
81
102
PC12
I/O
FT
-
TIM5_CH2,
HRTIM1_EEV1,
TIM8_CH3N,
UART5_TX,
SPI3_MOSI/I2S3_SD
, USART3_CK,
UCPD1_FRSTX,
EVENTOUT
-
-
-
-
-
-
-
-
103
PG5
I/O
FT
-
TIM20_ETR,
SPI1_NSS,
LPUART1_CTS,
FMC_A15,
EVENTOUT
-
-
-
-
-
-
-
-
104
PG6
I/O
FT
-
TIM20_BKIN,
I2C3_SMBA,
LPUART1_RTS_DE,
FMC_INT,
EVENTOUT
-
-
-
-
-
-
-
-
105
PG7
I/O
FT_f
-
SAI1_CK1,
I2C3_SCL,
LPUART1_TX,
FMC_INT,
SAI1_MCLK_A,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com