Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474VCU6 Datasheet(PDF) 101 Page - STMicroelectronics

No. de pieza STM32G474VCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCU6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32G474VCU6 Datasheet HTML 97Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 98Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 99Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 100Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 101Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 102Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 103Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 104Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 232 page
background image
Table 27. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single
Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
25°C
25°C
IDD (Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHZ
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
fHCLK= 26 MHz
Reduced code(1)
3.55
3.25
mA
137
125
µA/MHz
Coremark
3.45
3.2
133
123
Dhrystone2.1
3.55
3.25
137
125
Fibonacci
3.40
3
131
115
While(1)
2.90
2.95
112
113
Range 1
fHCLK= 150 MHz
Reduced code(1)
18.50
16.00
mA
123
107
µA/MHz
Coremark
17.50
15.50
117
103
Dhrystone2.1
18.50
16.00
123
107
Fibonacci
16.50
14.50
110
97
While(1)
19.50
19.50
130
130
Range 1
Boost mode
fHCLK= 170 MHz
Reduced code(1)
20.50
18.00
mA
121
106
µA/MHz
Coremark
20.00
17.50
118
103
Dhrystone2.1
20.50
18.00
121
106
Fibonacci
18.50
16.50
109
97
While(1)
23.50
24.00
138
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com