Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474VCU6 Datasheet(PDF) 140 Page - STMicroelectronics

No. de pieza STM32G474VCU6
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCU6 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32G474VCU6 Datasheet HTML 136Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 137Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 138Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 139Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 140Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 141Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 142Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 143Page - STMicroelectronics STM32G474VCU6 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
140/232
DS12288 Rev 1
Figure 26. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 61: NRST pin characteristics. Otherwise the reset is not taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
5.3.16
High-resolution timer (HRTIM)
The parameters given in Table 62 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17.
Table 62. HRTIM characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Timer ambient
temperature range
fHRTIM=170 MHz
-40
-
125
°C
fHRTIM
HRTIM input clock
for DLL calibration
As per TA conditions
--
170
MHz
tHRTIM
5.88
-
-
ns
tRES(HRTIM)
high-resolution
step size
fHRTIM=170 MHz,
TA from -40 to 105°C
-
184
-
ps
ResHRTIM
Timer resolution
-
-
-
16
bit
tDTG
Dead time
generator clock
period
-0.125
-
16
tHRTIM
fHRTIM=170 MHz
0.735
-
94.1
ns
|tDTR| / |tDTF|
max
Dead time range
(absolute value)
--
-
511
tDTG
fHRTIM=170 MHz
-
-
48.09
µs
fCHPFRQ
Chopper stage
clock frequency
-
1/256
-
1/16
fHRTIM
fHRTIM=170 MHz
0.664
-
10.625
MHz
t1STPW
Chopper first
pulse length
-16
-
256
tHRTIM
fHRTIM=170 MHz
0.094
-
1.506
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com