| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G474VBH3 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VBH3 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 232 page ![]() Introduction STM32G474xB STM32G474xC STM32G474xE 12/232 DS12288 Rev 1 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32G474xB/xC/xE microcontrollers. This document should be read in conjunction with the reference manual RM0440 “STM32G4 Series advanced Arm® 32-bit MCUs”. The reference manual is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 technical reference manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |