| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G474VBH3 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VBH3 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 232 page ![]() DS12288 Rev 1 25/232 STM32G474xB STM32G474xC STM32G474xE Functional overview 47 3.11.6 VBAT operation The VBAT pin allows to power the device VBAT domain from an external battery, an external supercapacitor, or from VDD when there is no external battery and when an external supercapacitor is present. The VBAT pin supplies the RTC with LSE and the backup registers. Three anti-tamper detection pins are available in VBAT mode. The VBAT operation is automatically activated when VDD is not present. An internal VBAT battery charging circuit is embedded and can be activated when VDD is present. Note: When the microcontroller is supplied from VBAT, neither external interrupts nor RTC alarm/events exit the microcontroller from the VBAT operation. |