Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEGA Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

No. de pieza LEGA
Descripción Electrónicos  LOW-DEPTH, HYDRAULIC-MAGNETIC CIRCUIT BREAKERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSATA [Sensata Technologies, Inc.]
Página de inicio  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEGA Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  LEGA Datasheet HTML 1Page - Sensata Technologies, Inc. LEGA Datasheet HTML 2Page - Sensata Technologies, Inc. LEGA Datasheet HTML 3Page - Sensata Technologies, Inc. LEGA Datasheet HTML 4Page - Sensata Technologies, Inc. LEGA Datasheet HTML 5Page - Sensata Technologies, Inc. LEGA Datasheet HTML 6Page - Sensata Technologies, Inc. LEGA Datasheet HTML 7Page - Sensata Technologies, Inc. LEGA Datasheet HTML 8Page - Sensata Technologies, Inc. LEGA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.sensata.com
Page 6
Copyright © 2025 Sensata Technologies Inc.
OPERATING CHARACTERISTICS - SERIES TRIP
Percentage of Rated Current vs. Trip Time in Seconds at +25°C (Vertical Mount)
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
51
No Trip
.500 to 6.5
.300 to 3.0
.100 to 1.2
.031 to .500
.011 to .25
.004 to .1
.004 to .08
52
No Trip
2 to 60
1.8 to 30
1 to 10
.15 to 2.0
.04 to 1
.008 to .5
.006 to .1
53
No Trip
80 to 700
40 to 400
15 to 150
2 to 20
.23 to 9
.018 to .55
.012 to .2
61
No Trip
.700 to 12
.35 to 7.0
.130 to 3.0
.030 to 1
.015 to .3
.01 to .15
.008 to .1
62
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3.0
.02 to 2
.015 to .8
.01 to .25
63
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.4 to 10
.013 to .85
.013 to .5
The most popular configuration for hydraulic-magnetic circuit breakers in the series trip, where the sensing coil and contacts are in series with
the load being protected. The handle position conventiently indicates circuit status. In addition to providing conventional over-current protection,
it’s simultaneously used as an ON-OFF switch.
Inrush Pulse Tolerance
Delay
Pulse Tolerance
61, 62, 63
10 times rated current (approx.)
61F, 62F, 63F
12 times rated current (approx.)
Typical Resistance/Impedance
Current Ratings
(Amps)
Impedence
DC (ohms)
AC, 50/60Hz
51, 52, 53
61, 62, 63
0.200
36.6
34.2
1.00
1.38
1.47
2.00
0.31
0.25
5.00
0.052
0.051
10.0
0.016
0.013
20.0
0.006
0.005
30.0
0.0027
0.0026
50.0
0.0019
-
DCR and Impedance based on 100% rated current applied and stabalized for a minimum of one hour.
Tolerance .05-2.5 amperes ± 20%: 2.6 - 20 amperes ± 25%, 21-50 amperes ± 50%. Consult factory for
special values and for coil impedance of delays not shown.
The table aboce provides a comparison of inrush pulse tolerance
with and without the intertial delay feature for each of the
50/60Hz delays. Pulse tolerance is defined as a single pulse
of half sine wave peak current amplitude of 8 milliseconds
duration that will not trip the circuit breaker. Consult Sensata
Technologies for further assistance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com