Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LEGA Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

No. de pieza LEGA
Descripción Electrónicos  LOW-DEPTH, HYDRAULIC-MAGNETIC CIRCUIT BREAKERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSATA [Sensata Technologies, Inc.]
Página de inicio  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEGA Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  LEGA Datasheet HTML 1Page - Sensata Technologies, Inc. LEGA Datasheet HTML 2Page - Sensata Technologies, Inc. LEGA Datasheet HTML 3Page - Sensata Technologies, Inc. LEGA Datasheet HTML 4Page - Sensata Technologies, Inc. LEGA Datasheet HTML 5Page - Sensata Technologies, Inc. LEGA Datasheet HTML 6Page - Sensata Technologies, Inc. LEGA Datasheet HTML 7Page - Sensata Technologies, Inc. LEGA Datasheet HTML 8Page - Sensata Technologies, Inc. LEGA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.sensata.com
Page 7
Copyright © 2025 Sensata Technologies Inc.
ORDERING OPTIONS
See following charts.
See following charts.
See following charts.
See following charts.
See following charts.
See following charts.
See following charts.
Poles & Terminals
Internal Configuration
Type & Handle
Frequency & Delay
Rated Current
Additional Options
Approvals
LEGBXA
66
1
AG
62
M6
20.0
Example : LEGBXA 66-1-62-20.0-AG-M6-T
Two Pole (One Handle per Pole), Two Pole, -1 Series, 50/60 Short Delay, 20
amps, “All Copper” Option/10kAIC, Black with White Markings
T
Handle Colors, Indicators & Markings
See following charts.
1. Type & Handle
Step 1a
Step 1b
LEG
One handle per unit
A
Standard toggle &
mounting, Low depth
construction
LEGH
One handle per pole
ZXA*
ZX Rocker with integral
mounting, Low depth
construction
LMG
One handle per unit,
mid-trip
BXA*
BX flat rocker with integral
mounting, Low depth
construction
LMGH
One handle per pole,
mid-trip
** All types are UL-489 Listed
* Rockers can not have option “H”, a handle per
pole (for example LEGHZXA or LMGHBZA is
incorrect)
2. Poles & Terminals
6
Single Pole, Screw Terminals
66
Two Poles, Screw Terminals
666
Three Poles, Screw Terminals
3. Internal Configuration
1
Series
4. Frequency & Delay
Step 4a
Step 4b
SW
Switch only
Standard
51
DC short display
F
Inertial wheel
5. Rated Current
1.0
1 amp
5.0
5 amp
7.5
7.5 amp
10.0
10 amp
12.5
12.5 amp
15.0
15 amp
16.0
16 amp
20.0
20 amp
25.0
25 amp
30.0
30 amp
40.0
40 amp***
50.0
50 amp***
*** Ratings over 30 amps only available with DC delay characteristics
Other ratings available upon request
52
DC medium display
53
DC long delay
61
50/60Hz short delay
62
50/60Hz medium delay
63
50/60Hz long delay
(motor start)
All delays can add an optional inertial wheel by adding an “F” to the end of the code
Example: 61 becomes 61F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com