Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 55 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 51Page - STMicroelectronics STM32G431VB Datasheet HTML 52Page - STMicroelectronics STM32G431VB Datasheet HTML 53Page - STMicroelectronics STM32G431VB Datasheet HTML 54Page - STMicroelectronics STM32G431VB Datasheet HTML 55Page - STMicroelectronics STM32G431VB Datasheet HTML 56Page - STMicroelectronics STM32G431VB Datasheet HTML 57Page - STMicroelectronics STM32G431VB Datasheet HTML 58Page - STMicroelectronics STM32G431VB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 198 page
background image
DS12589 Rev 1
55/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
-
-
25
26
F1
34
G8
43
51
PB12
I/O
FT_a
-
I2C2_SMBA,
SPI2_NSS/
I2S2_WS, TIM1_BKIN,
USART3_CK,
LPUART1_RTS_DE,
EVENTOUT
ADC1_IN11
-
-
26
27
E2
35
G6
44
52
PB13
I/O
TT_a
-
SPI2_SCK/I2S2_CK,
TIM1_CH1N,
USART3_CTS,
LPUART1_CTS,
EVENTOUT
OPAMP3_VINP
-
-
27
28 D3
36
F8
45
53
PB14
I/O
TT_a
-
TIM15_CH1,
SPI2_MISO,
TIM1_CH2N,
USART3_RTS_DE,
COMP4_OUT,
EVENTOUT
ADC1_IN5,
OPAMP2_VINP
-
-
28
29
E1
37
F7
46
54
PB15
I/O
FT_a
-
RTC_REFIN,
TIM15_CH2,
TIM15_CH1N,
COMP3_OUT,
TIM1_CH3N,
SPI2_MOSI/
I2S2_SD,
EVENTOUT
ADC2_IN15
-
-
-
-
---
47
55
PD8
I/O
FT_a
-
USART3_TX,
EVENTOUT
-
-
-
-
-
---
48
56
PD9
I/O
FT
-
USART3_RX,
EVENTOUT
-
-
-
-
-
---
49
57
PD10
I/O
FT
-
USART3_CK,
EVENTOUT
-
-
-
-
-
----
58
PD11
I/O
FT_a
-
USART3_CTS,
EVENTOUT
-
-
-
-
-
----
59
PD12
I/O
TT
-
TIM4_CH1,
USART3_RTS_DE,
EVENTOUT
-
-
-
-
-
----
60
PD13
I/O
FT
-
TIM4_CH2, EVENTOUT
-
-
-
-
-
----
61
PD14
I/O
FT_a
-
TIM4_CH3, EVENTOUT
OPAMP2_VINP
-
-
-
-
----
62
PD15
I/O
FT
-
TIM4_CH4, SPI2_NSS,
EVENTOUT
-
-
-
-
-
---
50
63
VSS
S
-
-
-
-
-
-
-
-
---
51
64
VDD
S
-
-
-
-
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com