Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 84Page - STMicroelectronics STM32G431VB Datasheet HTML 85Page - STMicroelectronics STM32G431VB Datasheet HTML 86Page - STMicroelectronics STM32G431VB Datasheet HTML 87Page - STMicroelectronics STM32G431VB Datasheet HTML 88Page - STMicroelectronics STM32G431VB Datasheet HTML 89Page - STMicroelectronics STM32G431VB Datasheet HTML 90Page - STMicroelectronics STM32G431VB Datasheet HTML 91Page - STMicroelectronics STM32G431VB Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 198 page
background image
Table 29. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in Sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
1.05
1.15
1.45
2.00
2.90
1.30
1.60
2.60
3.90
6.10
mA
16 MHz 0.690 0.810 1.15
1.70
2.60
0.910 1.30
2.30
3.50
5.60
8 MHz
0.425 0.545 0.920
1.45
2.35
0.590 0.930 1.90
3.20
5.20
4 MHz
0.300 0.400 0.815
1.35
2.25
0.420 0.760 1.70
3.00
5.10
2 MHz
0.230 0.355 0.755
1.30
2.20
0.340 0.670 1.60
2.90
5.00
1 MHz
0.200 0.320 0.725
1.25
2.15
0.290 0.620 1.60
2.90
4.90
100 KHz 0.165 0.285 0.690
1.25
2.15
0.250 0.580 1.50
2.80
4.90
Range 1
Boost
mode
170 MHz
7.40
7.65
8.30
9.10
10.5
7.70
8.20
9.90
12.0
15.0
Range 1
150 MHz
6.10
6.30
6.90
7.60
8.80
6.40
6.90
8.10
9.70
13.0
120 MHz
4.95
5.15
5.70
6.40
7.60
5.30
5.70
6.90
8.50
12.0
80 MHz
3.45
3.65
4.15
4.85
6.00
3.70
4.10
5.40
7.00
9.60
72 MHz
3.15
3.35
3.85
4.55
5.70
3.40
3.80
5.10
6.60
9.20
64 MHz
2.85
3.00
3.55
4.25
5.40
3.10
3.50
4.70
6.30
8.90
48 MHz
2.10
2.30
2.55
3.25
4.40
2.40
2.90
4.10
5.60
8.20
32 MHz
1.50
1.65
2.00
2.70
3.80
1.80
2.30
3.50
5.10
7.70
24 MHz
1.15
1.35
1.75
2.40
3.55
1.50
1.90
3.20
4.80
7.40
16 MHz 0.850 1.05
1.45
2.15
3.25
1.10
1.60
2.80
4.40
7.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com