| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN9252I/ML Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252I/ML Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 11 LAN9252 3.0 PIN DESCRIPTIONS AND CONFIGURATION 3.1 64-QFN Pin Assignments FIGURE 3-1: 64-QFN PIN ASSIGNMENTS (TOP VIEW) Note: When a “#” is used at the end of the signal name, it indicates that the signal is active low. For example, RST# indicates that the reset signal is active low. The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec- tion 3.3, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types". Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field. (Connect exposed pad to ground with a via field) VSS LAN9252 64-QFN (Top View) 5 6 7 8 9 10 11 12 44 43 42 41 40 39 38 37 FXLOSEN REG_EN FXSDA/FXLOSA/FXSDENA FXSDB/FXLOSB/FXSDENB RST# D2/AD2/SOF/SIO2 D1/AD1/EOF/SO/SIO1 VDDIO LINKACTLED1/TDI/CHIP_MODE1 RUNLED/E2PSIZE EESCL/TCK VDDCR D6/AD6/DIGIO0/GPI0/GPO0/MII_RXCLK D3/AD3/WD_TRIG/SIO3 EESDA/TMS IRQ 3 4 13 14 36 35 46 45 VDDCR VDD33 OSCVSS OSCVDD12 TESTMODE D8/AD8/DIGIO2/GPI2/GPO2/MII_MDIO D7/AD7/DIGIO1/GPI1/GPO1/MII_MDC VDDIO 1 2 OSCO OSCI 16 15 D13/AD13/DIGIO7/GPI7/GPO7/MII_TXD2/TX_SHIFT0 D14/AD14/DIGIO8/GPI8/GPO8/MII_TXD3/TX_SHIFT1 34 33 A0/D15/AD15/DIGIO9/GPI9/GPO9/MII_RXER SYNC0/LATCH0 48 VDDIO 47 LINKACTLED0/TDO/CHIP_MODE0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |