| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN9252I/ML Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252I/ML Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 329 page ![]() LAN9252 DS00001909A-page 12 2015 Microchip Technology Inc. Table 3-1 details the 64-QFN package pin assignments in table format. As shown, select pin functions may change based on the device’s mode of operation. For modes where a specific pin has no function, the table cell will be marked with “-”. TABLE 3-1: 64-QFN PACKAGE PIN ASSIGNMENTS Pin Number HBI Indexed Mode Pin Name HBI Multiplexed Mode Pin Name Digital I/O Mode Pin Name SPI with GPIO Mode Pin Name SPI with MII Mode Pin Name 1 OSCI 2 OSCO 3 OSCVDD12 4 OSCVSS 5 VDD33 6 VDDCR 7 REG_EN 8 FXLOSEN 9 FXSDA/FXLOSA/FXSDENA 10 FXSDB/FXLOSB/FXSDENB 11 RST# 12 D2 AD2 SOF SIO2 13 D1 AD1 EOF SO/SIO1 14 VDDIO 15 D14 AD14 DIGIO8 GPI8/GPO8 MII_TXD3/ TX_SHIFT1 16 D13 AD13 DIGIO7 GPI7/GPO7 MII_TXD2/ TX_SHIFT0 17 D0 AD0 WD_STATE SI/SIO0 18 SYNC1/LATCH1 19 D9 AD9 LATCH_IN SCK 20 VDDIO 21 D12 AD12 DIGIO6 GPI6/GPO6 MII_TXD1 22 D11 AD11 DIGIO5 GPI5/GPO5 MII_TXD0 23 D10 AD10 DIGIO4 GPI4/GPO4 MII_TXEN 24 VDDCR 25 A1 ALELO OE_EXT - MII_CLK25 26 A3 - DIGIO11 GPI11/GPO11 MII_RXDV 27 A4 - DIGIO12 GPI12/GPO12 MII_RXD0 28 CS DIGIO13 GPI13/GPO13 MII_RXD1 29 A2 ALEHI DIGIO10 GPI10/GPO10 LINKACTLED2/ MII_LINKPOL 30 WR/ENB DIGIO14 GPI14/GPO14 MII_RXD2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |