| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM53C94 Datasheet(PDF) 2 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53C94 Datasheet(HTML) 2 Page - Advanced Micro Devices |
|
2 / 63 page ![]() P R E L I M I N A R Y AMD 2 Am53C94/Am53C96 SCSI Environment Valid Signal Glitches >15 ns <15 ns Glitches pass through as valid signals ACK or REQ Input Device without the GLITCH EATER Circuit Glitches Filtered AMD’s Device with the GLITCH EATER Circuit Valid Signal Passes 16506C-1 GLITCH EATER Circuitry in SCSI Environment ACK or REQ Input SYSTEM BLOCK DIAGRAM 9 CPU DMA Memory Am53C94/96 8 16 16 4 9 SCSI Data 16 DMA Addr Data 16506C-2 SCSI Control 16 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |