| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM53C94 Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53C94 Datasheet(HTML) 7 Page - Advanced Micro Devices |
|
7 / 63 page ![]() P R E L I M I N A R Y AMD 7 Am53C94/Am53C96 LOGIC SYMBOL SDCP BUSMD1–0 * DFMODE INT CS WR RD Am53C94/96 SD7–0 SDP BSYC MSG C/D I/O ATN SELC RSTC REQC ACKC SDC7–0 BSY SEL RST REQ ACK *ISEL *TSEL DMA15–0 DMAP1–0 DREQ BHE [A1] AS0 [A0] ALE [A3] AD7–0 DMARD [A2] DACK DMAWR CLK RESET Note: *Pins available on the Am53C96 only. 16506C-10 RELATED AMD PRODUCTS Part Number Description 85C30 Enhanced Serial Communcaiton Controller 26LSXX Line Drivers/Receivers 33C93A Enhanced CMOS SCSI Bus Interface Controller 80C186 Highly Integrated 16-Bit Microprocessor 80C286 High-Performance 16-Bit 80286 Microprocessor Part Number Description Am386 TM High-Performance 32-Bit Microprocessor 80188 Highly Integrated 8-Bit Microprocessor 53C80A SCSI Bus Controller 85C80 Combination 53C80A SCSI and 85C30 ESCC 53C94LV Low Voltage, High Performance SCSI Controller |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |