| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CC0201MP6 Datasheet(PDF) 10 Page - YAGEO Corporation |
|
|
|||||||||||||||||||||||||||||
CC0201MP6 Datasheet(HTML) 10 Page - YAGEO Corporation |
|
10 / 21 page ![]() www.yageo.com Dec. 06, 2022 V.30 General Purpose & High Cap. X5R 4 V to 50 V Surface Mount Multilayer Ceramic Capacitors 10 20 Product specification X5R 0201 0402 0603 0805 1206 1210 I.R. ≤ 6.3V 100pF to 82nF 22nF to 470nF 220nF to 1uF 470nF to 4.7uF 1uF to 2.2uF 1uF to 4.7uF Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F 100nF to 1uF 560nF to 4.7uF 2.2uF to 4.7uF 10uF 4.7uF to 47uF 10uF to 220uF Rins × Cr ≥ 100Ω.F 10uF 10uF to 22uF 22uF to 47uF 100uF Rins × Cr ≥ 50Ω.F 2.2uF to 4.7uF 22uF 47uF Rins × Cr ≥ 20Ω.F 10V 100pF to 82nF 22nF to 470nF 220nF to 1uF 470nF to 2.2uF 1uF to 2.2uF 1uF to 4.7uF Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F 100nF to 470nF 560nF to 4.7uF 2.2uF to 4.7uF 4.7uF to 22uF 4.7uF to 47uF 10uF to 100uF Rins × Cr ≥ 100Ω.F 560nF to 2.2uF 10uF 10uF to 22uF 47uF Rins × Cr ≥ 50Ω.F 16V 100pF to 10nF 22nF to 150nF 220nF to 1uF 470nF to 2.2uF 1uF to 2.2uF 1uF to 4.7uF Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F 22nF to 100nF, 470nF 2.2uF to 4.7uF 4.7uF to 22uF 4.7uF to 10uF 10uF to 100uF Rins × Cr ≥ 100Ω.F 220nF 220nF to 4.7uF 10uF 22uF Rins × Cr ≥ 50Ω.F 25V 100pF to 10nF 22nF to 150nF 220nF to 1uF 470nF to 2.2uF 1uF to 2.2uF 1uF to 2.2uF Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F 22nF to 100nF 2.2uF to 4.7uF 4.7uF to 22uF 4.7uF 4.7uF to 22uF Rins × Cr ≥ 100Ω.F 220nF 220nF to 2.2uF 10uF 10uF, 22uF Rins × Cr ≥ 50Ω.F 50V 100pF to 1nF 22nF to 100nF 470nF to 2.2uF 1uF to 2.2uF 1uF to 2.2uF Rins ≥ 10 GΩ or Rins × Cr ≥ 500Ω.F 220nF to 2.2uF 4.7uF 4.7uF 4.7uF to 10uF Rins × Cr ≥ 100Ω.F 150nF to 1uF 10uF Rins × Cr ≥ 50Ω.F Fig. 3 Typical capacitance change as a function of temperature 15 5 15 YNM0021 35 60 -10 15 65 40 90 T (oC) 10 10 C (%) 5 0 |