| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CC0201MP6 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
|
|||||||||||||||||||||||||||||
CC0201MP6 Datasheet(HTML) 2 Page - YAGEO Corporation |
|
2 / 21 page ![]() www.yageo.com Dec. 06, 2022 V.30 General Purpose & High Cap. X5R 4 V to 50 V Surface Mount Multilayer Ceramic Capacitors 2 20 Product specification SCOPE This specification describes X5R series chip capacitors with lead- free terminations. APPLICATIONS PCs, Hard disk, Game PCs Power supplies DVD players Mobile phones Data processing FEATURES Supplied in tape on reel Nickel-barrier end termination RoHS compliant Halogen free compliant ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP CTC & 12NC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CC XXXX X X X5R X BB XXX (1) (2) (3) (4) (5) (1) SIZE – INCH BASED (METRIC) 0201 (0603) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) (2) TOLERANCE K = ± 10% M = ± 20% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch C = Bulk case (4) RATED VOLTAGE 4 = 4 V 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V (5) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 103 = 10 x 103 = 10,000 pF = 10 nF |