Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H523VCK7 Datasheet(PDF) 109 Page - STMicroelectronics

No. de pieza STM32H523VCK7
Descripción Electrónicos  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523VCK7 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32H523VCK7 Datasheet HTML 105Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 106Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 107Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 108Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 109Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 110Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 111Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 112Page - STMicroelectronics STM32H523VCK7 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 228 page
background image
DS14540 Rev 1
109/228
STM32H523xx
Electrical characteristics
197
v
Table 33. Typical and maximum current consumption in Stop mode
Parameter
Conditions
Typ
LDO
Max(1)
Unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
130°C
IDD
(stop)
Supply current
in Stop
Flash memory in
low power mode,
SRAMs ON
SVOS3
0.26
0.79
6.34
11.45
22.31
mA
SVOS4
0.19
0.59
5.05
9.21
18.13
SVOS5
0.15
0.43
3.97
7.42
14.99
Flash memory in
normal mode,
SRAMs ON
SVOS3
0.27
0.81
6.36
11.47
22.35
SVOS4
0.21
0.61
5.07
9.24
18.17
Flash memory in
low power mode,
SRAMs OFF except SRAM2
16 Kbytes ON
SVOS3
0.20
0.65
5.08
9.21
18.05
SVOS4
0.15
0.48
4.05
7.41
14.68
SVOS5
0.10
0.32
2.84
5.32
10.81
Flash memory in
low power mode,
SRAMs OFF except SRAM2
ON
SVOS3
0.21
0.70
5.49
9.93
19.42
SVOS4
0.16
0.52
4.37
7.99
15.79
SVOS5
0.16
0.36
3.20
5.98
12.12
1. Evaluated by characterization - Not tested in production.
Table 34. Typical and maximum current consumption in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
Backup
RAM
RTC and
LSE(2)
1.8 V 2.4 V
3 V
3.3 V
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(standby)
Supply
current in
standby
mode,
IWDG OFF
OFF
OFF
2.6
2.8
3.0
3.2
4.3
8.8
16.5
42.6
μA
ON
OFF
3.8
4.1
4.4
4.6
6.4
16.9
31.5
75.7
OFF
ON
2.9
3.2
3.5
3.7
5.3
10.0
17.8
44.6
ON
ON
4.2
4.5
4.9
5.1
7.4
18.1
32.8
77.7
1. Evaluated by characterization - Not tested in production.
2. LSE is in medium-low drive mode.
Table 35. Typical and maximum current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ(1)
Max(1)
Unit
Backup
RAM
RTC and
LSE(2)
1.62 V 2.4 V
3 V
3.3 V
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD(VBAT)
Supply current
in VBAT mode
OFF
OFF
0.01
0.01
0.02
0.02
0.2
2.0
4.9
14.9
μA
ON
OFF
1.1
1.1
1.2
1.30
2.7
12.7
23.8
52.2
OFF
ON
0.5
0.5
0.5
0.6
1.2
3.2
6.2
16.9
ON
ON
1.6
1.6
1.6
1.8
3.7
13.9
25.1
54.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com